PART |
Description |
Maker |
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 |
19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 21 A, 60 V, 0.042 ohm, N-CHANNE 28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. JST Mfg. Co., Ltd. Vishay Intertechnology, Inc. Austin Semiconductor, Inc
|
MHT8P20 MTP3N12 VN2410B |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 8A I(D) | TO-258AA TRANSISTOR | MOSFET | N-CHANNEL | 120V V(BR)DSS | 3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 240V V(BR)DSS | 700MA I(D) | TO-39 晶体管| MOSFET的| N沟道| 240伏五(巴西)直| 700mA的一d)| TO - 39封装
|
Microchip Technology, Inc.
|
BUK553-100A BUK553-100B BUK553-100A/B |
TRANSISTOR UNIVERSAL MOSFET SOT PowerMOS transistor Logic level FET 12 A, 100 V, 0.22 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IRFF431 2N6783 IRFF223 |
TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 2.75A I(D) | TO-205AF TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 2.2A I(D) | TO-39 TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 3A I(D) | TO-39 晶体管| MOSFET的| N沟道| 150伏五(巴西)直| 3A条(丁)| TO - 39封装
|
Fairchild Semiconductor, Corp.
|
STB6NA80 4233 STB6NA80-1 STB6NA80T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-262VAR N-CHANNEL Power MOSFET N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFU3709 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 90A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 90A型(丁)|51AA HEXFET? Power MOSFET SMPS MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
SST5460 SST5462 SST5461 2N5462 2N5460 2N5461 |
P-CHANNEL JFETS MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:6.2A; Current, Idm pulse:30A; Power, Pd:1.5W; Resistance, Rds on:0.024R; SMD:1; Charge, gate
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
STB10NA40 STB10NA40-1 STB10NA40T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 10A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 10A I(D) | TO-262VAR N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
2SJ404 2SJ405 2SK2163 |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 6A I(D) | TO-220AB Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 40A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 40A条(丁)|20VAR
|
EPCOS AG
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
IRFPG22 IRFPE32 |
TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 1.5A I(D) | TO-247AC TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 3.4A I(D) | TO-247AC 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 3.4AI(四)|47AC
|
Fairchild Semiconductor, Corp.
|
|